Part Number Hot Search : 
PC25005 IN74H 18225C 13020 84064 PN8420 MT48LC8 SR503
Product Description
Full Text Search
 

To Download MS512PJB155MSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. document ms587-1 revised 03/25/11b 6235 power inductors high-reliability power inductors ms512pjb core material ferrite terminations tin-lead (63/37) over tin over nickel. weight 460 C 480 mg ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. tape and reel packaging: C55c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) enhanced crush-resistant packaging 350/7reel plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.68 mm pocket depth recommended pick and place nozzle od: 6.2 mm; id: 3.1 mm high temperature materials allow operation in ambient temperatures up to 155c. special construction allows it to pass vibration testing to 80 g and shock testing to 1000 g. tin-lead (sn-pb) termination for the best possible board adhesion dcr 3 srf isat (a) 5 irms (a) 6 inductance 2 max (mhz) 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) min typ drop drop drop rise rise ms512pjb682msz 6.8 0.075 39 55 2.6 2.7 2.8 1.0 1.5 ms512pjb822msz 8.2 0.095 34 48 2.5 2.6 2.7 1.0 1.5 ms512pjb103msz 10.0 0.100 26 37 2.3 2.4 2.5 1.0 1.4 ms512pjb123msz 12.0 0.110 20 29 1.9 2.2 2.3 1.0 1.4 ms512pjb153msz 15.0 0.125 18 25 1.9 2.0 2.0 0.97 1.4 ms512pjb183msz 18.0 0.140 17 24 1.7 1.8 1.9 0.96 1.3 ms512pjb223msz 22.0 0.145 17 24 1.6 1.7 1.7 0.88 1.3 ms512pjb333msz 33.0 0.180 11 16 1.3 1.4 1.5 0.80 1.0 ms512pjb473msz 47.0 0.245 9.0 13 1.1 1.2 1.2 0.64 0.92 ms512pjb563msz 56.0 0.280 8.4 12 1.0 1.0 1.1 0.60 0.86 ms512pjb683msz 68.0 0.345 7.6 10.8 0.90 0.94 0.96 0.58 0.80 ms512pjb823msz 82.0 0.315 7.0 10.0 0.46 0.52 0.55 0.58 0.76 ms512pjb104msz 100.0 0.375 6.3 9.0 0.46 0.52 0.54 0.56 0.72 ms512pjb124msz 120.0 0.435 5.8 8.3 0.44 0.48 0.51 0.48 0.64 ms512pjb154msz 150.0 0.535 5.1 7.3 0.37 0.43 0.45 0.42 0.58 ms512pjb224msz 220.0 0.720 4.0 5.6 0.31 0.36 0.37 0.36 0.51 ms512pjb334msz 330.0 1.02 3.0 4.4 0.26 0.29 0.30 0.32 0.44 ms512pjb474msz 470.0 1.58 2.5 3.6 0.22 0.25 0.26 0.29 0.40 ms512pjb564msz 560.0 1.75 2.2 3.1 0.20 0.22 0.23 0.26 0.37 ms512pjb684msz 680.0 1.97 2.0 2.8 0.17 0.19 0.21 0.22 0.32 ms512pjb824msz 820.0 2.70 1.8 2.5 0.16 0.18 0.19 0.21 0.26 ms512pjb105msz 1000.0 3.20 1.5 2.2 0.14 0.17 0.18 0.19 0.24 MS512PJB155MSZ 1500.0 4.60 1.3 1.9 0.12 0.13 0.14 0.15 0.21 ms512pjb185msz 1800.0 5.42 1.2 1.7 0.11 0.12 0.13 0.14 0.18 ms512pjb225msz 2200.0 6.40 1.0 1.5 0.090 0.11 0.11 0.13 0.18 ms512pjb335msz 3300.0 8.90 0.8 1.1 0.080 0.090 0.10 0.11 0.14 ms512pjb475msz 4700.0 14.0 0.66 0.94 0.070 0.077 0.084 0.095 0.12 ms512pjb565msz 5600.0 16.4 0.6 0.86 0.070 0.080 0.085 0.080 0.10 ms512pjb685msz 6800.0 21.4 0.56 0.80 0.070 0.075 0.080 0.070 0.095 ms512pjb825msz 8200.0 24.0 0.49 0.70 0.062 0.070 0.078 0.065 0.090 ms512pjb106msz 10000.0 29.0 0.43 0.61 0.059 0.067 0.074 0.060 0.075 1. when ordering, please specify testing code: ms512pjb106msz testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753es or equivalent. 5. typical dc current that causes the specifed inductance drop from its value without current. 6. typical current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011
specifcations subject to change without notice. please check our website for latest information. ms512pjb series (6235) 6235 power inductors document ms587-2 revised 03/25/11 typical l vs current typical l vs frequency typical current derating dimensions are in inches mm 1 10 10000 1000 100 0.01 0.1 11 0 frequency (mhz) inductance (h) 3300 h 10 h 33 h 1000 h 330 h 100 h 1 10 10000 1000 100 0.01 0.1 11 0 current (a) inductance (h) 33 h 330 h 1000 h 3300 h 100 h 10 h ? height dimension is after mounting. fo r maximum height dimension bef ore mounting, add 0.006 in / 0,152 mm. ? 0.236 0.003 6,00 0,076 0.236 0.003 6,00 0,076 0.167 4,25 0.167 4,25 0.079 2,00 0.079 2,00 0.260 6,60 0.260 6,60 0.071 1,80 * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.005 i n/0,13 mm. * recommended land p attern 0.165 4,20 0.165 4,20 0.039 1,00 typ typ 0.039 1,00 0.138 0.004 3,5 0,10 a mbient t emperatur e (c) pe r cent of r ated c urrent i sat i rm s -40 -55 -20 02 04 06 08 0 100 160 140 120 120 110 100 90 80 70 60 50 40 30 20 10 0 25c 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011


▲Up To Search▲   

 
Price & Availability of MS512PJB155MSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X